Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929XP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9929XP
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929XP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9929XP Datasheet HTML 13Page - STMicroelectronics L9929XP Datasheet HTML 14Page - STMicroelectronics L9929XP Datasheet HTML 15Page - STMicroelectronics L9929XP Datasheet HTML 16Page - STMicroelectronics L9929XP Datasheet HTML 17Page - STMicroelectronics L9929XP Datasheet HTML 18Page - STMicroelectronics L9929XP Datasheet HTML 19Page - STMicroelectronics L9929XP Datasheet HTML 20Page - STMicroelectronics L9929XP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
L9929
Figure 16. Application examples for Overvoltage- and Reverse-Voltage Protection
6
ESD-SOLIDITY
The connection pins of the IC have to be protected against Electrostatic Discharge ESD) by suitable integrated
protection structures.
The integrated circuit has to meet the demand of the „Human-Body-Model“ with VC = ± 4kV
C = 100pF and R2 = 1,5k
Ω (330Ω for OUT1 and OUT2).
Thereby any defect or destruction of the integrated circuit must not occur.
The protection structures realized to reach the ESD-strength have to be coordinated.
The ESD-strength has to be verified by the test circuit given as below.
Figure 17.
For the Pins 4, 5, 6, 7, 14 and 15
UC = + 4kV
R1 = 100k
Ω
R2 = 330
Ω
C = 100pF
Number of pulses each pin: 18
Frequency: 1Hz
Arrangement and performance:
The requirements of MIL883D Methode 3015 have to be fulfilled.
H-BRIDGE
H-BRIDGE
Version 1 REVERSE POLARITY PROTECTION VIA MAIN RELAIS
Version 2 REVERSE POLARITY PROTECTION VIA ACTIVE DIODE
MAIN
RELAIS
IGNITION
SWITCH
BATTERY
BATTERY
VS
VS
VS < 40V
VS < 40V
D01AT483
=
V
R1
R2
S2
S1
C
OUT
US
S3
(1)
DC-
VOLTMETER
(2)
D01AT484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com