Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM5364103CK Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KMM5364103CK
Description  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364103CK Datasheet(HTML) 4 Page - Samsung semiconductor

  KMM5364103CK Datasheet HTML 1Page - Samsung semiconductor KMM5364103CK Datasheet HTML 2Page - Samsung semiconductor KMM5364103CK Datasheet HTML 3Page - Samsung semiconductor KMM5364103CK Datasheet HTML 4Page - Samsung semiconductor KMM5364103CK Datasheet HTML 5Page - Samsung semiconductor KMM5364103CK Datasheet HTML 6Page - Samsung semiconductor KMM5364103CK Datasheet HTML 7Page - Samsung semiconductor KMM5364103CK Datasheet HTML 8Page - Samsung semiconductor KMM5364103CK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DRAM MODULE
KMM5364103CK/CKG
KMM5364003CK/CKG
DQ8
DQ17
DQ26
DQ35
FUNCTIONAL BLOCK DIAGRAM
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
Vcc
Vss
.1 or .22uF Capacitor
for each DRAM
To all DRAMs
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS
RAS
OE
W
A0-
A11(A10)
DQ0
DQ1
DQ2
DQ3
CAS0
CAS1
CAS2
CAS3
RAS
OE
W
A0-
A11(A10)
W
A0-A11(A10)
DQ31-DQ34
DQ27-DQ30
DQ22-DQ25
DQ18-DQ21
DQ13-DQ16
DQ9-DQ12
DQ4-DQ7
DQ0-DQ3
U0
U1
U2
U3
U4
U5
U6
U7
CAS0
RAS0
CAS1
CAS2
CAS3
U8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com