Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM5364103CK Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KMM5364103CK
Description  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364103CK Datasheet(HTML) 5 Page - Samsung semiconductor

  KMM5364103CK Datasheet HTML 1Page - Samsung semiconductor KMM5364103CK Datasheet HTML 2Page - Samsung semiconductor KMM5364103CK Datasheet HTML 3Page - Samsung semiconductor KMM5364103CK Datasheet HTML 4Page - Samsung semiconductor KMM5364103CK Datasheet HTML 5Page - Samsung semiconductor KMM5364103CK Datasheet HTML 6Page - Samsung semiconductor KMM5364103CK Datasheet HTML 7Page - Samsung semiconductor KMM5364103CK Datasheet HTML 8Page - Samsung semiconductor KMM5364103CK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DRAM MODULE
KMM5364103CK/CKG
KMM5364003CK/CKG
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In I CC1 and ICC3, address can be changed maximum once while
RAS=VIL. In ICC4,
address can be changed maximum once within one page mode cycle,
tPC.
* NOTE :
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to V SS, TA = 0 to 70
°C)
*1 : VCC+2.0V/20ns, Pulse width is measured at VCC.
*2 : -2.0V/ 20ns, Pulse width is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0*2
5.0
0
-
-
5.5
0
VCC+1
*1
0.8
V
V
V
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1
ICC2
ICC3
ICC4
ICC5
ICC6
II(L)
IO(L)
VOH
VOL
Symbol
Speed
KMM5364003CK/CKG
KMM5364103CK/CKG
Unit
Min
Max
Min
Max
ICC1
-5
-6
-
-
810
720
-
-
990
900
mA
mA
ICC2
Don
′t care
-
18
-
18
mA
ICC3
-5
-6
-
-
810
720
-
-
990
900
mA
mA
ICC4
-5
-6
-
-
720
630
-
-
810
720
mA
mA
ICC5
Don
′t care
-
9
-
9
mA
ICC6
-5
-6
-
-
810
720
-
-
990
900
mA
mA
II(L)
IO(L)
Don
′t care
-45
-5
45
5
-45
-5
45
5
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
2.4
-
-
0.4
V
V
: Operating Current * ( RAS, CAS, Address cycling @
tRC=min)
: Standby Current ( RAS=CAS=W=VIH)
: RAS Only Refresh Current * ( CAS=VIH, RAS cycling @
tRC=min)
: Fast Page Mode Current * ( RAS=VIL, CAS Address cycling :
tPC=min)
: Standby Current ( RAS=CAS=W=Vcc-0.2V)
: CAS-Before- RAS Refresh Current * ( RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (I OH = -5mA)
: Output Low Voltage Level (I OL = 4.2mA)
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for in
tended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to V SS
Voltage on V CC supply relative to V SS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
Pd
IOS
-1 to +7.0
-1 to +7.0
-55 to +150
9
50
V
V
°C
W
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com