Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000NPPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000NPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000NPPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCDB2000NPPR Datasheet HTML 11Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 12Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 13Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 14Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 15Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 16Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 17Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 18Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
PWRGD
PD#
CKPWRGD_PD#
VDD/VDD_A
15
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 6. PWRGD and PD# State Changes
7.4.2 OE[12:5]# and SMBus Output Enables
Each output channel, 0 to 19, can be individually enabled or disabled by SMBus control register bits, called SMB
enable bits. Additionally, each output channel from 12 to 5 has a dedicated, corresponding, OE[12:5]# hardware
pin. The OE[12:5]# pins are asynchronously asserted-low signals that may enable or disable the output.
Refer to Table 2 for enabling and disabling outputs through the hardware and software. Note that both the SMB
enable bit must be a ‘1’ and the OEx# pin must be an input low voltage ‘0’ for the output channel to be active.
Table 2 is only valid when the SBEN signal is low (SBEN = 0).
Table 2. OE[12:5]# Functionality When SBEN = 0
INPUTS
OE[12:5]# HARDWARE PINS AND SMBus CONTROL REGISTER BITS
PWRGD
PD#
CLKIN
SMBus ENABLE BIT
(byte[2:0])
OE[12:5]#
CK[12:5]
CK[19:13, 4:0]
0
X
X
X
X
LOW
LOW
1
0
X
X
X
Tristate
Tristate
1
1
Running
0
X
0
0
1
1
Running
1
0
Running
Running
1
1
Running
1
1
0
Running
7.5 Programming
The CDCDB2000 has two methods to program the states of its 20 output drivers: SMBus and SBI.
To select between SMBus and SBI interfaces, the SBEN pin is used. Pulling the SBEN to a high level enables
the SBI. Pulling the SBEN pin to ground enables the SMBus interface. When SBI is enabled, the SMBus Mask
registers are active. The SMBus Mask registers allow the function of the SBI shift registers to be disabled and set
the each individual channel as enabled. See Figure 7 for a diagram of how the SMBus Mask registers and SBI
shift register interact to enable or disable each output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com