Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000NPPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000NPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000NPPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCDB2000NPPR Datasheet HTML 2Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 3Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 4Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 5Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 6Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 7Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 8Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 9Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
CDCDB2000
SNAS787 – NOVEMBER 2019
www.ti.com
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O TYPE
DESCRIPTION
NAME
NO.
SADR1
B8
I, S, PU /
PD
SMBus address strap bit[1]. This is a 3-level input that is decoded in conjunction
with pin B4 to set SMBus address. It has internal 120-kΩ pullup / pulldown network
biasing to VDD/2 when no connect.
For a high-level input configuration, the pin should be pulled up to 3.3-V VDD
through an external pullup resistor from 1k to 5k with 5% tolerance.
For a low-level input configuration, the pin should be pulled down to ground
through an external pulldown resistor from 1k to 5k with 5% tolerance.
For a mid-level input configuration, the pin should be left floating and not
connected to VDD or ground.
SMBCLK
L5
I
Clock pin of SMBus interface. Typically pulled up to 3.3-V VDD using external
pullup resistor. The recommended pullup resistor value is > 8.5k.
SMBDAT
L4
I / O
Data pin of SMBus interface. Typically pulled up to 3.3-V VDD using external
pullup resistor. The recommended pullup resistor value is > 8.5k.
SUPPLY VOLTAGE AND GROUND
GND
DAP
G
Ground. Connect ground pad to system ground.
VDD
B2, B6, B11, L2,
L11
P
Power supply input for LP-HCSL clock output channels. Connect to 3.3-V power
supply rail with decoupling capacitor to GND. Place a 0.1-µF capacitor close to
each supply pin between power supply and ground.
VDD_A
H2
P
Power supply input for differential input clock. Connect to 3.3-V power supply rail
with decoupling capacitor to GND. Place a 0.1-µF capacitor close to pin.
NO CONNECT
NC
B3, B5, B7, B9,
C2, D2, D11, F2,
F11, G2, G11, J2,
J11, K2, L3, L6,
L7, L9,
—
Do not connect to GND or VDD.
The “#” symbol at the end of a pin name indicates that the active state occurs when the signal is at a low voltage
level. When “#” is not present, the signal is active high.
The definitions below define the I/O type for each pin.
•
I = Input
•
O = Output
•
I / O = Input / Output
•
PU / PD = Internal 120-kΩ Pullup / Pulldown network biasing to VDD/2
•
PD = Internal 120-kΩ Pulldown
•
S = Hardware Configuration Pin
•
P = Power Supply
•
G = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com