Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7763EB Datasheet(PDF) 51 Page - Analog Devices

Part # EVAL-ADE7763EB
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7763EB Datasheet(HTML) 51 Page - Analog Devices

Back Button EVAL-ADE7763EB Datasheet HTML 47Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 48Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 49Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 50Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 51Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 52Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 53Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 54Page - Analog Devices EVAL-ADE7763EB Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
ADE7763
Rev. A | Page 51 of 56
Description
Bit
Location
Bit
Mnemonic
Default
Value
Use these bits to select the source of the sampled data for the waveform register.
WAVSEL1, 0
Length
Source
14, 13
WAVSEL1, 0
00
0
0
24 bits, active power signal (output of LPF2)
0
1
Reserved
1
0
24 bits, Channel 1
1
1
24 bits, Channel 2
15
POAM
0
Writing Logic 1 to this bit allows only positive power to accumulate. The default value of this bit is 0.
UTP
27.9k
01 = 14.4k
10 = 7.2k
11 = 3.6kS
POAM
SEL
(WAVEFORM SELECTION FOR SAMPLE MODE)
0
0
00
00
0
0
0
0
1
1
SWAP
(SWAP CH1 AND CH2 ADCs)
DTRT
(WAVEFORM SAMPLES O
00 =
UT DATA RATE)
SPS (CLKIN/128)
SPS (CLKIN/256)
SPS (CLKIN/512)
PS (CLKIN/1024)
(POSITIVE ONLY ACCUMULATION)
WAV
00 = LPF2
01 = RESERVED
10 = CH1
11 = CH2
00
0
0
15 14 13
1 10
9
8
5
4
3
2
ADDR: 0x09
12 1
7
6
1
0
DISHPF
(DISABLE HPF1 IN CHANNEL 1)
DISLPF2
(DISABLE LPF2 AFTER MULTIPLIER)
DISCF
DISSAG
(DISABLE SAG OUTPUT)
SWRST
(SOFTWARE CHIP RESET)
CYCMODE
ATION MODE)
DISCH2
CHANNEL 2)
(DISABLE FREQUENCY OUTPUT CF)
ASUSPEND
(SUSPEND CH1 AND CH2 ADCs)
TEMPSEL
(START TEMPERATURE SENSING)
(LINE CYCLE ENERGY ACCUMUL
NOTE: REGISTER CONTENTS SHOW POWER-ON DEFAULTS
Figure 86. Mode Register
(SHORT THE ANALOG INPUTS ON
DISCH1
(SHORT THE ANALOG INPUTS ON CHANNEL 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com