Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOJ-LP Datasheet(PDF) 2 Page - AVX Corporation

Part # NOJ-LP
Description  Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJ-LP Datasheet(HTML) 2 Page - AVX Corporation

  NOJ-LP Datasheet HTML 1Page - AVX Corporation NOJ-LP Datasheet HTML 2Page - AVX Corporation NOJ-LP Datasheet HTML 3Page - AVX Corporation NOJ-LP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
180
033016
OxiCap® NOJ Series
Low Profile
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4V (G)
6.3V (J)
10V (A)
1.0
105
1.5
155
2.2
225
P
3.3
335
P
4.7
475
P/S
T
6.8
685
P/S
P/S/T
T
10
106
P/S
P/S/T
P/T
T
15
156
P/S
P/S/T
P/T
22
226
P/S/T
P/T
T
T
33
336
T
T
T
W
47
476
T
T
W
W
68
686
W
W
X/Y
100
107
W
W
W/X
F/Y
150
157
X
Y
F/Y
220
227
X
Y
F/Y
Y
330
337
Y
Y
Y
470
477
Y
Available Ratings
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com