Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOJ-LP Datasheet(PDF) 3 Page - AVX Corporation

Part # NOJ-LP
Description  Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJ-LP Datasheet(HTML) 3 Page - AVX Corporation

  NOJ-LP Datasheet HTML 1Page - AVX Corporation NOJ-LP Datasheet HTML 2Page - AVX Corporation NOJ-LP Datasheet HTML 3Page - AVX Corporation NOJ-LP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
181
181
033016
OxiCap® NOJ Series
Low Profile
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
For typical weight and composition see page 223.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature
Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
105ºC
(Ω)
1.8 Volt @ 85°C
NOJP156M001#WJ
P
15
1.8
85
1.2
105
1.0
10
4.1
1
0.133
0.119
0.053
NOJS156M001#WJ
S
15
1.8
85
1.2
105
1.0
6
2
1
0.197
0.178
0.079
NOJP226M001#WJ
P
22
1.8
85
1.2
105
1.0
10
3.8
1
0.138
0.124
0.055
NOJS226M001#WJ
S
22
1.8
85
1.2
105
1.0
8
1.9
1
0.203
0.182
0.081
NOJT226M001#WJ
T
22
1.8
85
1.2
105
1.0
6
1.8
1
0.231
0.208
0.092
NOJT336M001#WJ
T
33
1.8
85
1.2
105
1.2
6
1.7
1
0.238
0.214
0.095
NOJT476M001#WJ
T
47
1.8
85
1.2
105
1.7
10
1.6
1
0.245
0.220
0.098
NOJW107M001#WJ
W
100
1.8
85
1.2
105
3.6
6
0.4
1
0.520
0.468
0.208
NOJX227M001#WJ
X
220
1.8
85
1.2
105
8.0
8
0.4
3
0.548
0.493
0.219
NOJY337M001#WJ
Y
330
1.8
85
1.2
105
11.9
8
0.3
3
0.707
0.636
0.283
NOJY477M001#WJ
Y
470
1.8
85
1.2
105
17.0
8
0.3
3
0.707
0.636
0.283
2.5 Volt @ 85°C
NOJP106M002#WJ
P
10
2.5
85
1.7
105
1.0
6
4.5
1
0.126
0.114
0.051
NOJS106M002#WJ
S
10
2.5
85
1.7
105
1.0
6
2.2
1
0.188
0.169
0.075
NOJP156M002#WJ
P
15
2.5
85
1.7
105
1.0
6
4
1
0.134
0.121
0.054
NOJS156M002#WJ
S
15
2.5
85
1.7
105
1.0
8
2
1
0.197
0.178
0.079
NOJT156M002#WJ
T
15
2.5
85
1.7
105
1.0
6
2
1
0.219
0.197
0.088
NOJP226M002#WJ
P
22
2.5
85
1.7
105
1.1
10
3.8
1
0.138
0.124
0.055
NOJT226M002#WJ
T
22
2.5
85
1.7
105
1.1
6
1.9
1
0.225
0.202
0.090
NOJT336M002#WJ
T
33
2.5
85
1.7
105
1.7
6
1.7
1
0.238
0.214
0.095
NOJT476M002#WJ
T
47
2.5
85
1.7
105
2.4
10
1.6
1
0.245
0.220
0.098
NOJW686M002#WJ
W
68
2.5
85
1.7
105
3.4
6
0.4
1
0.520
0.468
0.208
NOJW107M002#WJ
W
100
2.5
85
1.7
105
5.0
6
0.4
1
0.520
0.468
0.208
NOJX157M002#WJ
X
150
2.5
85
1.7
105
7.5
6
0.4
3
0.548
0.493
0.219
NOJY227M002#WJ
Y
220
2.5
85
1.7
105
11.0
8
0.4
3
0.612
0.551
0.245
NOJY337M002#WJ
Y
330
2.5
85
1.7
105
16.5
10
0.3
3
0.707
0.636
0.283
4 Volt @ 85°C
NOJP685M004#WJ
P
6.8
4
85
2.7
105
1.0
6
5.3
1
0.117
0.105
0.047
NOJS685M004#WJ
S
6.8
4
85
2.7
105
1.0
6
2.6
1
0.173
0.156
0.069
NOJP106M004#WJ
P
10
4
85
2.7
105
1.0
20
4.5
1
0.126
0.114
0.051
NOJS106M004#WJ
S
10
4
85
2.7
105
1.0
8
2.2
1
0.188
0.169
0.075
NOJT106M004#WJ
T
10
4
85
2.7
105
1.0
6
2.2
1
0.209
0.188
0.084
NOJP156M004#WJ
P
15
4
85
2.7
105
1.2
10
4.1
1
0.133
0.119
0.053
NOJT156M004#WJ
T
15
4
85
2.7
105
1.2
6
2
1
0.219
0.197
0.088
NOJT226M004#WJ
T
22
4
85
2.7
105
1.8
6
1.8
1
0.231
0.208
0.092
NOJT336M004#WJ
T
33
4
85
2.7
105
2.6
14
2
1
0.219
0.197
0.088
NOJW476M004#WJ
W
47
4
85
2.7
105
3.8
6
0.5
1
0.465
0.418
0.186
NOJW686M004#WJ
W
68
4
85
2.7
105
5.4
6
0.4
1
0.520
0.468
0.208
NOJW107M004#WJ
W
100
4
85
2.7
105
8.0
8
0.4
1
0.520
0.468
0.208
NOJX107M004#WJ
X
100
4
85
2.7
105
8.0
6
0.4
3
0.548
0.493
0.219
NOJY157M004#WJ
Y
150
4
85
2.7
105
12.0
6
0.4
3
0.612
0.551
0.245
NOJF227M004#WJ
F
220
4
85
2.7
105
17.6
10
0.4
1
0.548
0.493
0.219
NOJY227M004#WJ
Y
220
4
85
2.7
105
17.6
10
0.4
3
0.612
0.551
0.245
NOJY337M004#WJ
Y
330
4
85
2.7
105
26.4
12
0.3
3
0.707
0.636
0.283
6.3 Volt @ 85°C
NOJP475M006#WJ
P
4.7
6.3
85
4
105
1.0
6
6.1
1
0.109
0.098
0.043
NOJS475M006#WJ
S
4.7
6.3
85
4
105
1.0
6
3.2
1
0.156
0.141
0.062
NOJP685M006#WJ
P
6.8
6.3
85
4
105
1.0
10
5.2
1
0.118
0.106
0.047
NOJS685M006#WJ
S
6.8
6.3
85
4
105
1.0
8
2.7
1
0.170
0.153
0.068
NOJT685M006#WJ
T
6.8
6.3
85
4
105
1.0
6
2.6
1
0.192
0.173
0.077
NOJP106M006#WJ
P
10
6.3
85
4
105
1.2
10
4.5
1
0.126
0.114
0.051
NOJT106M006#WJ
T
10
6.3
85
4
105
1.2
6
2.2
1
0.209
0.188
0.084
NOJT226M006#WJ
T
22
6.3
85
4
105
2.6
8
1.8
1
0.231
0.208
0.092
NOJW336M006#WJ
W
33
6.3
85
4
105
4.0
6
0.5
1
0.465
0.418
0.186
NOJW476M006#WJ
W
47
6.3
85
4
105
5.7
6
0.5
1
0.465
0.418
0.186
NOJX686M006#WJ
X
68
6.3
85
4
105
8.2
6
0.5
3
0.490
0.441
0.196
NOJY686M006#WJ
Y
68
6.3
85
4
105
8.2
6
0.5
3
0.548
0.493
0.219
NOJF107M006#WJ
F
100
6.3
85
4
105
12
8
0.4
1
0.548
0.493
0.219
NOJY107M006#WJ
Y
100
6.3
85
4
105
12.0
6
0.4
3
0.612
0.551
0.245
NOJF157M006#WJ
F
150
6.3
85
4
105
18.0
8
0.4
1
0.548
0.493
0.219
NOJY157M006#WJ
Y
150
6.3
85
4
105
18.0
6
0.4
3
0.612
0.551
0.245
NOJY227M006#WJ
Y
220
6.3
85
4
105
26.4
10
0.4
3
0.612
0.551
0.245
10 Volt @ 85°C
NOJP225M010#WJ
P
2.2
10
85
7
105
1.0
8
8.3
1
0.093
0.084
0.037
NOJP335M010#WJ
P
3.3
10
85
7
105
1.0
8
7
1
0.101
0.091
0.041
NOJT475M010#WJ
T
4.7
10
85
7
105
1.0
6
3.1
1
0.176
0.158
0.070
NOJT685M010#WJ
T
6.8
10
85
7
105
1.4
6
2.6
1
0.192
0.173
0.077
NOJT106M010#WJ
T
10
10
85
7
105
2.0
6
2.2
1
0.209
0.188
0.084



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com