Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN-8652 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # DMN-8652
Description  LSI Logic DiMeNsion 8652 HDD/DVD Recorder Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

DMN-8652 Datasheet(HTML) 4 Page - LSI Computer Systems

  DMN-8652 Datasheet HTML 1Page - LSI Computer Systems DMN-8652 Datasheet HTML 2Page - LSI Computer Systems DMN-8652 Datasheet HTML 3Page - LSI Computer Systems DMN-8652 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Summary of Specifications
The
Communications
Company TM
LSI Logic DiMeNsion™ 8652 HDD/DVD Recorder Processor
For more information please call:
LSI Logic Corporation
North American Headquarters
Milpitas, CA
Tel: 866-574-5741
North America
Milpitas, CA
Tel: 1-408-490-8000
Fax: 1-408-490-8590
Europe
European Headquarters
United Kingdom
Tel: 44-1344-413200
Fax: 44-1293-651119
Hong Kong
Kowloon Tong, Hong Kong
Tel: 852-2192-1789
Fax: 852-2511-6939
China
Beijing, China
Tele: 86-10-626-38296
Fax: 86-10-626-38322
Chengdu, China
Tel: 86-28-667-8831
Fax: 86-28-667-8054
Japan
Tokyo, Japan
Tel: 81-3-5463-7821
Fax: 81-3-5463-7820
Korea
Seoul, Korea
Tele: 82-2-528-3400
Fax: 82-2-528-2250
LSI Logic, LSI Logic logo, DoMiNo, DiMeNsion, C-Ware,
TrueScan, TrueView, PerfectView, Direct Digital Dub, and
ZiVA are trademarks or registered trademarks of LSI Logic
Corporation. All other brand and product names may be
trademarks of their respective companies.
LSI Logic Corporation reserves the right to make changes to
any products and services herein at any time without notice.
LSI Logic does not assume any responsibility or liability aris-
ing out of the application or use of any product or service
described herein, except as expressly agreed to in writing by
LSI Logic; nor does the purchase, lease, or use of a product or
service from LSI Logic convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual
property rights of LSI Logic or of third parties.
Copyright ©2003 by LSI Logic Corporation.
All rights reserved.
Order No. I20111
1203.1K.JG.IK - Printed in USA
Video Interface
Input
One 8-bit YUV 4:2:0 video stream
Output
Digital: One 16-bit ITU-R BT.656 interlaced video output
Analog: Support for (M) NTSC, (B,D,G,H,I) PAL, CVBS, Y/C, analog
component video RGB or SMPTE YCbCr outputs
Audio Interface
Inputs
2 channels, IDS compatible, 16-24 bits/sample
Outputs
10 channels, IDS compatible, 16-24 bits/sample, S/PDIF
I/O
Low Speed Serial
2x UARTS, SPI, IR, IR Blaster, IDC
Storage
2 IDE interfaces for ATAPI devices
High Speed Serial
IEEE 1394 Compliant, USB
Processing
A/V Codec
Single-stream, full-duplex, audio and video codec
Encode Formats
MPEG-2 MP@ML, MPEG-1, DV-25, DDCE
Decode Formats
MPEG-2 MP@ML, MPEG-1, MPEG-4,DV-25, AC-3, DDCE, MLP,
AAC, DTS, WMA
Logical Disk Formats
DVD-VR (DVD-RAM, DVD-RW), DVD-V (DVD-R, DVD-RW),
DVD+VR (DVD+RW, DVD+R)
Encryption/Decryption
CPPM, CPRM, CSS, 5C
System
Internal CPU Host
Internal host with 16-bit generic external bus interface
Graphics
2D OSD - up to 24 bit/pixel RGB with 8-bit alpha channel
- with flicker filter, video scaler
Memory
Memory
up to 256 MB of SDRAM
Physical
System Clock
13.5 or 27 MHz
Operating
Power <2.7 W
Package
388 BGA
JTAG
Compliance
IEEE 1149.1 compliant boundary scan and PCB assembly testing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com