Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN-8652 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # DMN-8652
Description  LSI Logic DiMeNsion 8652 HDD/DVD Recorder Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

DMN-8652 Datasheet(HTML) 1 Page - LSI Computer Systems

  DMN-8652 Datasheet HTML 1Page - LSI Computer Systems DMN-8652 Datasheet HTML 2Page - LSI Computer Systems DMN-8652 Datasheet HTML 3Page - LSI Computer Systems DMN-8652 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The
Communications
Company TM
S Y S T E M F E A T U R E S
• Concurrent timeshifting and video
archiving onto DVD
• High-speed video archiving onto
DVD with bit-rate adjustment
• USB connectivity
• Record broadcast TV to DVD with
timeshift capability
• Store analog video on DVD
• Playback MPEG-4 video
• Archive DV camcorder content on
DVD with single remote control
operation (Direct Digital Dub™)
• DVD playback
• Output video in progressive mode
• DoMiNoFX™ technologies for the
highest-quality video
LSI Logic DiMeNsion™ 8652
HDD/DVD Recorder Processor
O V E R V I E W
The DiMeNsion-2 is the second generation family of DVD recorder processor
products based on the DoMiNo™ architecture. The DiMeNsion-2 is intended for demand-
ing, yet cost-sensitive, A/V codec applications in consumer electronics products. A true
system-on-a-chip solution, the DiMeNsion-8652 (DMN-8652) empowers dual-drive prod-
ucts while reducing cost, design complexity, power consumption and time-to-market.
The DMN-8652 enables consumer electronics manufacturers to offer a category
of products that leverages the flexibility provided by the combination of hard disk and
optical disk drives. The DMN-8652 accepts video from broadcast TV and other analog
video sources and compresses and formats the video for storage on hard disk, or on DVD
discs in industry-standard recordable formats (DVD-RAM, DVD-RW/R, DVD+RW/R). It
permits control of DV camcorders connected via FireWire® using the AV/C protocol, and
transcodes DV-25 video for storage on hard disk or DVD. The DMN-8652 supports simul-
taneous play back of video from hard disk or DVD, and a range of background copying
operations (including dubbing and transrating) between the hard disk and optical drives.
The DMN-8652 offers DoMiNoFX™ technologies – industry-leading pre- and post-
processing of video to create a visibly superior viewing experience. LSI Logic’s propri-
etary TrueView™ Pro motion-compensated temporal filtering (MCTF) algorithm provides a
cleaner picture through substantial noise reduction. This technique is coupled with the LSI
Logic fifth-generation PerfectView® Pro compression technology for excellent video quality,
even at very low bit rates. The LSI Logic TrueScan™ Pro motion-compensated de-interlacing
(MCDI) then recreates clear images on progressive scan displays through the elimination
of video blurring in moving scenes.
Figure 1: DMN-8652 I/Os
DMN-8652
External
Bus
Interface DRAM
SDRAM
Clock
(27 MHz or
13.5 Crytsal)
Core
Power
I/O
Power
Ground
JTAG
ATAPI/
DVD
IEEE1394
PHY
IEEE1394
Link
SIO
A_OUT
16-bit
Asynchronous
Bus
IDS
8-bit YUV
USB peripheral
USB
YCbCr, Y/C, CVBS;
ITU-R BT.656
IDS
S/PDIF
UART1
UART2
IR Remote
IR Blaster
SPI
IDC
V_OUT
A_In
V_IN
Storage1
ATAPI/
HDD
Storage2


Similar Part No. - DMN-8652

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
DMN-8602 LSI-DMN-8602 Datasheet
226Kb / 4P
LSI Logic DiMeNsion 8602 DVD Recorder system Processor
DMN-8603 LSI-DMN-8603 Datasheet
214Kb / 4P
DiMeNsion -3 DVD Recorder Solution Servo, Video Decoder and System Processor
More results

Similar Description - DMN-8652

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN6775511 PANASONIC-MN6775511 Datasheet
73Kb / 2P
AV Decoder LSI for DVD Recorder MN6775511
logo
LSI Computer Systems
DMN-8602 LSI-DMN-8602 Datasheet
226Kb / 4P
LSI Logic DiMeNsion 8602 DVD Recorder system Processor
DMN-8603 LSI-DMN-8603 Datasheet
214Kb / 4P
DiMeNsion -3 DVD Recorder Solution Servo, Video Decoder and System Processor
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
Audio Switch IC for DVD Recorder
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
I/O Interface LSI for the DVD recorder for PAL
BH7625KS2 ROHM-BH7625KS2 Datasheet
414Kb / 6P
Input switching interface LSI for the DVD recorder
logo
NEC
UPD61171 NEC-UPD61171 Datasheet
169Kb / 8P
SECOND GENERATION ENHANCED MULTIMEDIA ARCHITECTURE PROCESSOR FOR DVD RECORDER/PERSONAL VIDEO RECORDERS
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P Datasheet
1Mb / 35P
17W (25W peak) DVD Recorder Power Supply
logo
Zoran Corporation
ACTIVA150 ZORAN-ACTIVA150 Datasheet
49Kb / 2P
DVD Recorder Multimedia Processor
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com