Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114TMB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDTC114TMB
Description  NPN resistor-equipped transistor; R1 = 10 k廓, R2 = open
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114TMB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTC114TMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PDTC114TMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 21 June 2012
3 of 11
NXP Semiconductors
PDTC114TMB
NPN resistor-equipped transistor; R1 = 10 k
Ω, R2 = open
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
IO
output current
-
100
mA
ICM
peak collector current
pulsed; tp ≤ 1 ms
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
FR4 PCB, standard footprint
Fig 2.
Power derating curve for DFN1006B-3 (SOT883B)
Tamb (°C)
-75
175
125
25
75
-25
006aad009
100
200
300
Ptot
(mW)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com