Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114TMB Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PDTC114TMB
Description  NPN resistor-equipped transistor; R1 = 10 k廓, R2 = open
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114TMB Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PDTC114TMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC114TMB Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PDTC114TMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 21 June 2012
5 of 11
NXP Semiconductors
PDTC114TMB
NPN resistor-equipped transistor; R1 = 10 k
Ω, R2 = open
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig 4.
DC current gain as a function of collector
current; typical values
Fig 5.
Collector-emitter saturation voltage as a
function of collector current; typical values
f = 1 MHz; Tamb = 25 °C
VCE = 5 V; Tamb = 25 °C
Fig 6.
Collector capacitance as a function of
collector-base voltage; typical values of built-in
transistor
Fig 7.
Transition frequency as a function of collector
current; typical values of built-in transistor
006aaa552
200
400
600
hFE
0
IC (mA)
10−1
102
10
1
(1)
(2)
(3)
006aaa553
IC (mA)
10−1
102
10
1
10−1
1
VCEsat
(V)
10−2
(1)
(2)
(3)
VCB (V)
050
40
20
30
10
006aad055
1
2
3
Cc
(pF)
0
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com