Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DR Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # ES1DR
Description  200 V, 1 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES1DR Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button ES1DR Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 9Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 10Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 11Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 12Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 13Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
ES1DR
200 V, 1 A hyperfast PN-rectifier
SOD123W
Wave soldering footprint information
sod123w_fw
occupied area
dummy track (solder resist and Cu free)
solder resist
solder lands
Issue date
Dimensions in mm
17-06-06
17-06-07
2.55
(2×)
3.0 (2×)
3.15 (2×)
1.8
8.3
2.4
(2×)
3.5
4.8
Fig. 17. Wave soldering footprint for CFP3 (SOD123W)
ES1DR
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
28 March 2018
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com