Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DR Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # ES1DR
Description  200 V, 1 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES1DR Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button ES1DR Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 9Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 10Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 11Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 12Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 13Page - Nexperia B.V. All rights reserved ES1DR Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Nexperia
ES1DR
200 V, 1 A hyperfast PN-rectifier
customer uses the product for automotive applications beyond Nexperia’
specifications such use shall be solely at customer’s own risk, and (c)
customer fully indemnifies Nexperia for any liability, damages or failed
product claims resulting from customer design and use of the product for
automotive applications beyond Nexperia’ standard warranty and Nexperia’
product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.
ES1DR
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
28 March 2018
13 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com