Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9224CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9224CS
Description  5-Bit Programmable Synchronous PWM Buck Converter Controller and Output Voltage Monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9224CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9224CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RT9224
5
DS9224-05 March 2004
www.richtek.com
Table 1 Output Voltage Program
Pin Name
Pin Name
VID4 VID3 VID2 VID1 VID0
Nominal Output
Voltage DACOUT
VID4 VID3 VID2 VID1 VID0
Nominal
Output Voltage
DACOUT
0
1
1
1
1
1.30V
1
1
1
1
1
2.0V
0
1
1
1
0
1.35V
1
1
1
1
0
2.1V
0
1
1
0
1
1.40V
1
1
1
0
1
2.2V
0
1
1
0
0
1.45V
1
1
1
0
0
2.3V
0
1
0
1
1
1.50V
1
1
0
1
1
2.4V
0
1
0
1
0
1.55V
1
1
0
1
0
2.5V
0
1
0
0
1
1.60V
1
1
0
0
1
2.6V
0
1
0
0
0
1.65V
1
1
0
0
0
2.7V
0
0
1
1
1
1.70V
1
0
1
1
1
2.8V
0
0
1
1
0
1.75V
1
0
1
1
0
2.9V
0
0
1
0
1
1.80V
1
0
1
0
1
3.0V
0
0
1
0
0
1.85V
1
0
1
0
0
3.1V
0
0
0
1
1
1.90V
1
0
0
1
1
3.2V
0
0
0
1
0
1.95V
1
0
0
1
0
3.3V
0
0
0
0
1
2.00V
1
0
0
0
1
3.4V
0
0
0
0
0
2.05V
1
0
0
0
0
3.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com