Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9224CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT9224CS
Description  5-Bit Programmable Synchronous PWM Buck Converter Controller and Output Voltage Monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9224CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RT9224CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9224CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RT9224
6
DS9224-05 March 2004
www.richtek.com
Absolute Maximum Ratings
Supply Voltage ------------------------------------------------------------------------------------------------------- +15V
Boot Voltage ---------------------------------------------------------------------------------------------------------- +15V
Input, Output or I/O Voltage --------------------------------------------------------------------------------------- GND -0.3V to Vcc + 0.3V
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
Package Thermal Resistance
SOP-20,
θJA ---------------------------------------------------------------------------------------------------------------------------------------------------------- 87°C/W
Electrical Characteristics
Recommended Operating Conditions
Supply Voltage, VCC ------------------------------------------------------------------------------------------------------------------------------------------ +12V
±±±±±10%
Ambient Temperature Range -------------------------------------------------------------------------------------- 0°C to 70°C
Junction Temperature Range -------------------------------------------------------------------------------------- 0°C to 125°C
(TA = 25°C, recommended operating conditions, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply
ICC
UGATE and LGATE Open
--
3
--
mA
Power-On Reset
VCC Rising Threshold
VOCSET = 4.5V
--
9.5
--
V
VCC Falling Threshold
VOCSET = 4.5V
--
7.5
--
V
Rising VOCSET Threshold
--
1.6
--
V
Oscillator
Free Running Frequency
170
200
230
kHz
Ramp Amplitude
∆VOSC
--
1.9
--
VP-P
Reference and DAC
DAC (VID0 – VID4) Input Low Voltage
--
--
0.8
V
DAC (VID0 – VID4) Input High Voltage
2.0
--
--
V
DACOUT Voltage Accuracy
-1.0
--
+1.0
%
Error Amplifier
DC Gain
--
65
--
dB
Gate Drivers
UGATE Source
RUGATE VBOOT - VPHASE = 12V
--
8
--
Ω
UGATE Sink
RUGATE VUGATE - VPHASE = 1V
--
5
--
Ω
LGATE Source
ILGATE
VCC = 12V, VLGATE = 6V
--
500
--
mA
LGATE Sink
RLGATE VLGATE = 1V
--
5
--
Ω
To be continued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com