Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8152 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8152 Datasheet HTML 9Page - Analog Devices AD8152 Datasheet HTML 10Page - Analog Devices AD8152 Datasheet HTML 11Page - Analog Devices AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices AD8152 Datasheet HTML 14Page - Analog Devices AD8152 Datasheet HTML 15Page - Analog Devices AD8152 Datasheet HTML 16Page - Analog Devices AD8152 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. A
AD8152
–13–
Table I. Address and Data Buses
Connection/Current Bit
Output Address Pins
Data Pins
A6
A5
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
0 = CONNECTION LATCHES
1 = OUTPUT CURRENT LEVEL
MSB
LSB
MSB
LSB
Table II. Connection Data and Address Programming Examples
Connection/
Data Pins
Current Bit
Output Address Pins
(Used to Select Inputs)
Comments
0 = CONNECTION
MSB
LSB
MSB
LSB
A6
A5 A4 A3 A2 A1 A0
D5 D4 D3 D2 D1 D0
0
000000
000000
Program IN00 to OUT00
0
000000
100001
Program IN33 to OUT00
0
100001
011111
Program IN31 to OUT33
0
111111
000000
Broadcast IN00 to All Outputs
0
000000
111111
Disable OUT00
0
100001
111111
Disable OUT33
0
111111
111111
Disable All Outputs (Broadcast)
Table III. Output-Current Level Data and Address Programming Examples
Connection/
Data Pins
Current Bit
Output Address Pins
(Used to Select Inputs)
Comments
1 = CURRENT LEVEL MSB
LSB MSB
LSB
A6
A5 A4
A3 A2 A1 A0
D5
D4
D3
D2 D1 D0
10
0
000
0X
X0
000
Program OUT00 to Current—Code 00 (2 mA)
10
0
000
0X
X1
111
Program OUT00 to Current—Code 15 (32 mA)
11
0
000
1X
X0
111
Program OUT33 to Current—Code 07 (16 mA)
11
1
111
1X
X1
000
Broadcast Current—Code 08 to All
Outputs (18 mA)
Table IV. Basic Control Strobe Functions
RESET CS
WE
RE
UPD Function
0X
XX
XGlobal Reset. Disables all outputs and resets all output current to code 0111 (16 mA).
11
XX
X
Disable All Control Signals. Signal matrix/currents remain the same. D5:D0 are high impedance.
10
01
XWrite Enable. Write D5:D0 data into first rank register addressed by A6:A0.
10
X0
X
Single-Output Readback. Second rank register data for output A6:A0 appears on D5:D0.
10
X
X
0
Global Update. Copy all first rank data into second rank registers.
10
01
0
Transparent Write and Update. D5:D0 immediately control programming. Use
RE as gating signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com