Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3348CX10 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # IP3348CX10
Description  Integrated multi channel LC-filter network for high-speed data interfaces with ESD protection to IEC 61000-4-2 level 4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP3348CX10 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button IP3348CX10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IP3348CX5_CX10_CX15_CX20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.1 — 4 April 2011
6 of 16
NXP Semiconductors
IP3348CX5/CX10/CX15/CX20
Multi channel LC-filter network for high-speed data interfaces
7.2 Crosstalk
The crosstalk measurement configuration of a typical 50
Ω NetWork Analyzer (NWA)
system for evaluation of the IP3348CX5, IP3348CX10, IP3348CX15 and IP3348CX20 is
shown in Figure 8.
Four typical examples of crosstalk measurement results of IP3348CX15 are depicted.
Unused channels are terminated with 50
Ω to ground.
Fig 8.
Crosstalk measurement configuration
(1) Channel 1 to 2 (pin A1 to C2).
(2) Channel 1 to 5 (pin A1 to C5).
(3) Channel 3 to 2 (pin A3 to C2).
(4) Channel 3 to 5 (pin A3 to C5).
Fig 9.
Measured crosstalk between different channels using the example of IP3348CX15
OUT_2
001aai756
50
Ω
50
Ω
Vgen
DUT
IN_1
OUT_1
IN_2
TEST BOARD
50
Ω
50
Ω
001aam552
−60
−40
−80
−20
0
αct
(dB)
−100
f (MHz)
1104
103
10
102
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com