Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3348CX10 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # IP3348CX10
Description  Integrated multi channel LC-filter network for high-speed data interfaces with ESD protection to IEC 61000-4-2 level 4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP3348CX10 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button IP3348CX10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP3348CX10 Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IP3348CX5_CX10_CX15_CX20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.1 — 4 April 2011
12 of 16
NXP Semiconductors
IP3348CX5/CX10/CX15/CX20
Multi channel LC-filter network for high-speed data interfaces
9.
Design and assembly recommendations
9.1 PCB design guidelines
It is recommended, for optimum performance, to use a Non-Solder Mask Defined
(NSMD), also known as a copper-defined design, incorporating laser-drilled micro-vias
connecting the ground pads to a buried ground-plane layer. This results in the lowest
possible ground inductance and provides the best high frequency and ESD performance.
Refer to Table 11 for the recommended PCB design parameters.
9.2 PCB assembly guidelines for Pb-free soldering
Table 11.
Recommended PCB design parameters
Parameter
Value or specification
PCB pad diameter
250
μm
Micro-via diameter
100
μm (0.004 inch)
Solder mask aperture diameter
325
μm
Copper thickness
20
μm to 40 μm
Copper finish
AuNi
PCB material
FR4
Table 12.
Assembly recommendations
Parameter
Value or specification
Solder screen aperture diameter
325
μm
Solder screen thickness
100
μm (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %); Cu (0.5 % to 0.9 %)
Solder to flux ratio
50 : 50
Solder reflow profile
see Figure 15
The device is capable of withstanding at least three reflows of this profile.
Fig 15. Pb-free solder reflow profile
001aai943
Treflow(peak)
250
230
217
T
(
°C)
cooling rate
preheat
t1
t5
t4
t3
t2
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com