Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4047CX6 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP4047CX6
Description  Dual channel integrated passive filter network with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4047CX6 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP4047CX6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP4047CX6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2014
3 of 11
NXP Semiconductors
IP4047CX6
Dual channel integrated passive filter network with ESD protection
5.
Functional diagram
6.
Limiting values
[1]
Device is tested with 1000 pulses of
15 kV contact discharges each, according to the IEC 61000-4-2 model and far exceeds the
specified level 4 (8 kV contact discharge).
Fig 3.
Schematic diagram IP4047CX6
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
6+6
V
VESD
electrostatic discharge voltage
IEC 61000-4-2, level 4; all pins to ground
contact discharge
[1]
15
+15
kV
air discharge
15
+15
kV
Pch
channel power dissipation
Tamb =85 C-
70
mW
Ptot
total power dissipation
Tamb =85 C-
150
mW
Tstg
storage temperature
65
+150
C
Treflow(peak)
peak reflow temperature
10 s maximum
-
260
C
Tamb
ambient temperature
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com