Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4047CX6 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # IP4047CX6
Description  Dual channel integrated passive filter network with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4047CX6 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  IP4047CX6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4047CX6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.
Product profile
1.1 General description
The IP4047CX6 is a low ohmic, dual-channel RC low-pass filter array which is designed to
provide filtering of undesired RF signals. In addition, the IP4047CX6 incorporates diodes
to provide protection to downstream components from ElectroStatic Discharge (ESD)
voltages as high as
15 kV contact, according to the IEC 61000-4-2 standard, far
exceeding the level 4. The IP4047CX6 is fabricated using monolithic silicon technology
and integrates two resistors and four pairs of back-to-back diodes in a single Wafer-Level
Chip-Scale Package (WLCSP). These features make the IP4047CX6 ideal for use in
applications requiring the utmost in miniaturization such as mobile phone handsets,
cordless telephones and personal digital devices.
1.2 Features and benefits
1.3 Applications
Audio line EMI-filtering and ESD protection in:
2.
Pinning information
2.1 Pinning
IP4047CX6
Dual channel integrated passive filter network with ESD
protection
Rev. 2 — 1 September 2014
Product data sheet
2-channel integrated
-type RC-filter
network
0.95
 series resistance; 280 pF
channel capacitance
Downstream ESD protection of
15 kV
contact according to IEC 61000-4-2
ESD model, far exceeding level 4
WLCSP with 0.5 mm pitch
Cellular and PCS mobile handsets
Cordless telephones
Fig 1.
Pin configuration IP4047CX6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com