Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VAL Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # MMBZ16VAL
Description  High surge current unidirectional double ESD protection diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ16VAL Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  MMBZ16VAL Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
MMBZ16VAL
High surge current unidirectional double ESD protection diodes
MMBZ16VAL
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
6 November 2017
5 / 12
006aab324
- VCL - VBR - VRWM
- IRM
- IR
- IPP
V
I
P-N
-
+
- IPPM
Fig. 4. V-I characteristics for a unidirectional TVS
protection diode
Tj (°C)
0
200
150
50
100
006aab321
0.4
0.8
1.2
PPPM
0
PPPM(25°C)
Fig. 5. Relative variation of rated peak pulse power
as a function of junction temperature; typical
values
VR (V)
0
4
8
12
16
aaa-027130
90
Cd
(pF)
0
10
20
30
40
50
60
70
80
Fig. 6. Diode capacitance as a function of reverse
voltage; typical values
tp
102
104
103
aaa-027131
120
PPPM
(W)
0
100
80
60
40
20
Fig. 7. Rated peak pulse power as a function of a
pulse duration; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com