Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VAL Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # MMBZ16VAL
Description  High surge current unidirectional double ESD protection diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ16VAL Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button MMBZ16VAL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBZ16VAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
MMBZ16VAL
High surge current unidirectional double ESD protection diodes
MMBZ16VAL
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
6 November 2017
6 / 12
IPP (A)
0
15
10
5
aaa-027132
30
0
10
20
VCL
(V)
tp = 8/20 μs; according to IEC 61000-4-5
Fig. 8. Positive clamping voltage (8/20 μs pulse);
typical values
IPP (A)
0
-100
-75
-50
-25
aaa-027133
VCL
(V)
-8
-12
-16
0
-6
-10
-14
-2
-4
tp = 8/20 μs; according to IEC 61000-4-5
Fig. 9. Negative clamping voltage (8/20 μs pulse);
typical values
IPP (A)
0
3
2
1
aaa-027134
21
18
19
20
VCL
(V)
tp = 10/1000 μs; according to IEC 61643-321
Fig. 10. Positive clamping voltage (10/1000 μs pulse);
typical values
IPP (A)
0
-6
-4
-2
-5
-3
-1
aaa-027135
-2.5
0
-0.5
-1
-1.5
-2
VCL
(V)
tp = 10/1000 μs; according to IEC 61643-321
Fig. 11. Negative clamping voltage (10/1000 μs pulse);
typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com