Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ10VAL Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # MMBZ10VAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ10VAL Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  MMBZ10VAL Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
2 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
1.4 Quick reference data
2.
Pinning information
Table 2.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
MMBZ5V6AL
-
-
3
V
MMBZ6V2AL
-
-
3
V
MMBZ6V8AL
-
-
4.5
V
MMBZ9V1AL
-
-
6
V
MMBZ10VAL
-
-
6.5
V
MMBZ12VAL
-
-
8.5
V
MMBZ15VAL
-
-
12
V
MMBZ18VAL
-
-
14.5
V
MMBZ20VAL
-
-
17
V
MMBZ27VAL
-
-
22
V
MMBZ33VAL
-
-
26
V
Cd
diode capacitance
f = 1 MHz; VR =0V
MMBZ5V6AL
-
210
280
pF
MMBZ6V2AL
-
175
230
pF
MMBZ6V8AL
-
150
200
pF
MMBZ9V1AL
-
155
200
pF
MMBZ10VAL
-
130
170
pF
MMBZ12VAL
-
110
140
pF
MMBZ15VAL
-
85
105
pF
MMBZ18VAL
-
70
90
pF
MMBZ20VAL
-
65
80
pF
MMBZ27VAL
-
48
60
pF
MMBZ33VAL
-
45
55
pF
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (diode 1)
2
cathode (diode 2)
3
common anode
12
3
006aaa154
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com