Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ10VAL Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # MMBZ10VAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ10VAL Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  MMBZ10VAL Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
4 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
5.
Limiting values
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPPM
rated peak pulse power
tp = 10/1000 μs
[1][2]
MMBZ5V6AL
MMBZ6V2AL
MMBZ6V8AL
MMBZ9V1AL
MMBZ10VAL
-24
W
MMBZ12VAL
MMBZ15VAL
MMBZ18VAL
MMBZ20VAL
MMBZ27VAL
MMBZ33VAL
-40
W
IPPM
rated peak pulse current
tp = 10/1000 μs
[1][2]
MMBZ5V6AL
-
3
A
MMBZ6V2AL
-
2.76
A
MMBZ6V8AL
-
2.5
A
MMBZ9V1AL
-
1.7
A
MMBZ10VAL
-
1.7
A
MMBZ12VAL
-
2.35
A
MMBZ15VAL
-
1.9
A
MMBZ18VAL
-
1.6
A
MMBZ20VAL
-
1.4
A
MMBZ27VAL
-
1
A
MMBZ33VAL
-
0.87
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
MMBZxAL series
[3] -265
mW
MMBZ5V6AL
MMBZ6V2AL
MMBZ6V8AL
[4] -290
mW
MMBZ9V1AL
MMBZ10VAL
MMBZ12VAL
MMBZ15VAL
MMBZ18VAL
MMBZ20VAL
MMBZ27VAL
MMBZ33VAL
[4] -360
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com