Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G34 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP2G34
Description  Low-power dual buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2G34 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP2G34 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2G34 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AXP2G34 is a dual buffer.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.4 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP2G34
Low-power dual buffer
Rev. 1 — 11 November 2015
Product data sheet


Similar Part No. - 74AXP2G34

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2G3404 NEXPERIA-74AXP2G3404 Datasheet
819Kb / 16P
Low-power buffer and inverter
74AXP2G3404GM NEXPERIA-74AXP2G3404GM Datasheet
819Kb / 16P
Low-power buffer and inverter
74AXP2G3404GN NEXPERIA-74AXP2G3404GN Datasheet
819Kb / 16P
Low-power buffer and inverter
74AXP2G3404GS NEXPERIA-74AXP2G3404GS Datasheet
819Kb / 16P
Low-power buffer and inverter
More results

Similar Description - 74AXP2G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
Low-power dual supply translating buffer
Rev. 01-4 December 2006
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
Low-power dual buffer
Rev. 02-31 January 2008
logo
Texas Instruments
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
LOW-POWER DUAL BUFFER GATE
logo
NXP Semiconductors
74AUP2G34 PHILIPS-74AUP2G34_15 Datasheet
197Kb / 19P
Low-power dual buffer
Rev. 5-10 January 2013
logo
Texas Instruments
SN74AUP2G07 TI1-SN74AUP2G07_16 Datasheet
1Mb / 26P
Low-Power Dual Buffer/Driver
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
Low-power dual buffer
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
Low-power dual buffer
Rev. 8 - 31 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com