Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC51PAS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC51PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC51PAS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC51PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC51_52_53PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2015
4 of 15
Nexperia
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and mounting pad for collector 1 cm2.
Ptot
total power dissipation
Tamb  25 C
[1] -0.42
W
[2] -0.81
W
[3] -0.83
W
[4] -1.10
W
[5] -1.65
W
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
150
C
Tstg
storage temperature
65
150
C
(1) FR4 PCB, 4-layer copper, 1 cm2
(2) FR4 PCB, single-sided copper, 6 cm2
(3) FR4 PCB, single-sided copper, 1 cm2
(4) FR4 PCB, 4-layer copper, standard footprint
(5) FR4 PCB, single-sided copper, standard footprint
Fig 1.
Power derating curves
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com