Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC51PAS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC51PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC51PAS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC51PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
PNP medium power transistor series encapsulated in an ultra thin DFN2020D-3
(SOT1061D) leadless small Surface-Mounted Device (SMD) plastic package with medium
power capability and visible and solderable side pads.
[1]
Valid for all available selection groups.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
Rev. 1 — 19 June 2015
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
BC51PAS
DFN2020D-3
SOT1061D
BC54PAS
BC52PAS
BC55PAS
BC53PAS
BC56PAS
High collector current capability
IC and ICM
Three current gain selections
Reduced Printed-Circuit Board (PCB)
area requirements
Leadless very small SMD plastic
package with medium power capability
Exposed heat sink for excellent thermal
and electrical conductivity
Suitable for Automatic Optical
Inspection (AOI) of solder joint
AEC-Q101 qualified
Linear voltage regulators
High-side switches
Battery driven devices
Power management
MOSFET drivers
Amplifiers
Table 2.
Quick reference data
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage open base
BC51PAS series
-
-
45 V
BC52PAS series
-
-
60 V
BC53PAS series
-
-
80 V


Similar Part No. - BC51PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC51PAS NEXPERIA-BC51PAS Datasheet
261Kb / 11P
45 V, 1 A PNP medium power transistors
6 December 2022
BC51PAS-Q NEXPERIA-BC51PAS-Q Datasheet
263Kb / 11P
45 V, 1 A PNP medium power transistors
Rev. 1 18 October 2024
More results

Similar Description - BC51PAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC636 NXP-BC636 Datasheet
144Kb / 15P
45 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
BC51PA NXP-BC51PA Datasheet
242Kb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
BCP53 NXP-BCP53_13 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP51 PHILIPS-BCP51_15 Datasheet
253Kb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
logo
Nexperia B.V. All right...
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
BC51XPAS_SER NEXPERIA-BC51XPAS_SER Datasheet
261Kb / 11P
45 V, 1 A PNP medium power transistors
6 December 2022
BCP53H-Q_SER NEXPERIA-BCP53H-Q_SER Datasheet
275Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 March 2023
BCP51 NEXPERIA-BCP51 Datasheet
1Mb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BCP51T_SER NEXPERIA-BCP51T_SER Datasheet
273Kb / 14P
45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com