Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC54PAS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC54PAS
Description  45V/60V/80V, 1A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC54PAS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC54PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
NPN medium power transistor series encapsulated in an ultra thin
DFN2020D-3 (SOT1061D) leadless small Surface-Mounted Device (SMD) plastic
package with medium power capability and visible and solderable side pads.
[1]
Valid for all available selection groups.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
BC54PAS; BC55PAS; BC56PAS
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 — 11 November 2014
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
BC54PAS
DFN2020D-3
SOT1061D
BC51PAS
BC55PAS
BC52PAS
BC56PAS
BC53PAS
High collector current capability IC and
ICM
Three current gain selections
Reduced Printed-Circuit Board (PCB)
area requirements
Leadless very small SMD plastic
package with medium power capability
Exposed heat sink for excellent thermal
and electrical conductivity
Suitable for Automatic Optical
Inspection (AOI) of solder joint
AEC-Q101 qualified
Linear voltage regulators
Low-side switches
Battery driven devices
Power management
MOSFET drivers
Amplifiers
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCEO
collector-emitter voltage
open base
BC54PAS
--45
V
BC55PAS
--60
V
BC56PAS
--80
V
IC
collector current
-
-
1
A


Similar Part No. - BC54PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
BC54PAS NEXPERIA-BC54PAS Datasheet
262Kb / 11P
45 V, 1 A NPN medium power transistors
9 October 2024
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

Similar Description - BC54PAS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4912 MOSPEC-2N4912 Datasheet
188Kb / 4P
POWER TRANSISTORS(1A,80V,25W)
logo
Rohm
2SA2091S ROHM-2SA2091S Datasheet
97Kb / 4P
Medium power transistor (-60V, -1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
2SD1834T100 ROHM-2SD1834T100 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
ZXTD4591E6 DIODES-ZXTD4591E6_16 Datasheet
691Kb / 8P
COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
Rev 2
logo
SeCoS Halbleitertechnol...
BCP55 SECOS-BCP55 Datasheet
489Kb / 2P
1A , 60V NPN Silicon Medium Power Transistor
logo
Diodes Incorporated
BCP5616Q DIODES-BCP5616Q Datasheet
380Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR
Rev 3
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
logo
Nexperia B.V. All right...
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com