Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856BMB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC856BMB
Description  60 V, 100 mA PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BMB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC856BMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BC856BMB
60 V, 100 mA PNP general-purpose transistor
BC856BMB
All information provided in this document is subject to legal disclaimers.
Product data sheet
19 August 2015
4 / 12
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
500
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
006aab603
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com