Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856BMB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC856BMB
Description  60 V, 100 mA PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BMB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC856BMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BC856BMB
60 V, 100 mA PNP general-purpose transistor
BC856BMB
All information provided in this document is subject to legal disclaimers.
Product data sheet
19 August 2015
2 / 12
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BC856BMB
DFN1006B-3
DFN1006B-3: leadless ultra small plastic package; 3
solder lands; body 1.0 x 0.6 x 0.37 mm
SOT883B
7. Marking
Table 4.
Marking codes
Type number
Marking code
BC856BMB
0101 1010
MARKING CODE
(EXAMPLE)
PIN 1 INDICATION
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac673
Fig. 1. DFN1006B-3 (SOT883B) binary marking code description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com