Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI2QFN Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PEMI2QFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI2QFN Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PEMI2QFN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
5 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
5.
Characteristics
Table 6.
Channel characteristics
Tamb =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance
PEMIxxxx/Cx
18
20
22
PEMIxxxx/Hx
40
45
50
PEMIxxxx/Lx
58
65
72
PEMIxxxx/Rx
90
100
110
PEMIxxxx/Wx
180
200
220
Cch
channel capacitance
for the total channel;
f = 100 kHz
PEMIxxxx/xE
Vbias(DC) =0V
-
15
-
pF
Vbias(DC) = 2.5 V
-
8.5
-
pF
PEMIxxxx/xG
Vbias(DC) =0V
-
19
-
pF
Vbias(DC) =2.5 V
-
11
-
pF
PEMIxxxx/xK
Vbias(DC) =0V
-
23
-
pF
Vbias(DC) = 2.5 V
-
13.5
-
pF
PEMIxxxx/xM
Vbias(DC) =0V
-
28
-
pF
Vbias(DC) =2.5 V
-
16
-
pF
PEMIxxxx/xP
Vbias(DC) =0V
-
32
-
pF
Vbias(DC) = 2.5 V
-
18.5
-
pF
PEMIxxxx/xR
Vbias(DC) =0V
-
36
-
pF
Vbias(DC) =2.5 V
-
21
-
pF
PEMIxxxx/xT
Vbias(DC) =0V
-
40
-
pF
Vbias(DC) =2.5 V
-
23
-
pF
VBR
breakdown voltage
positive clamp; II =1mA
5.8
-
9
V
VF
forward voltage
negative clamp; IF =1mA
1.5
-
0.4
V
ILR
reverse leakage current
per channel; VI = 3.5 V
-
-
0.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com