Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI2QFN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PEMI2QFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI2QFN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PEMI2QFN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1.
Product profile
1.1 General description
The devices are a family of RC low pass filters. They are designed to provide filtering of
undesired RF signals on the I/O ports of portable communication or computing devices.
The devices incorporate diodes to provide protection to downstream components from
ElectroStatic Discharge (ESD) voltages up to
25 kV.
The devices are fabricated using monolithic silicon technology in lead-free plastic
packages.
1.2 Features and benefits
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
Integrated 1-, 2-, 4-, 6- and 8-channel
-type RC filter network
ESD protection up to
25 kV contact discharge according to IEC 61000-4-2,
far exceeding level 4
1.3 Applications
General-purpose ElectroMagnetic Interference (EMI) and Radio-Frequency
Interference (RFI) filtering and downstream ESD protection for:
Cellular phone and Personal Communication Systems (PCS) mobile handsets
Cordless telephones
Wireless data (WAN/LAN) systems
PEMIxQFN; PEMI2STD family
Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network
with ESD protection
Rev. 2 — 3 November 2011
Product data sheet
Table 1.
Product overview
Type number
Package
Number of
channels
Package
pitch (mm)
Package configuration
PEMI1QFN
SOT883
1
-
3-pin MicroPak (QFN compatible)
PEMI2QFN
SOT886
2
0.5
6-pin MicroPak (QFN compatible)
PEMI2STD
SOT665
1
-
5-pin microlead
PEMI4QFN
SOT1157-1
4
0.4
8-pin extremely thin leadless
PEMI6QFN
SOT1158-1
6
0.4
12-pin extremely thin leadless
PEMI8QFN
SOT1159-1
8
0.4
16-pin extremely thin leadless



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com