Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP1G10 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G10
Description  Low-power 3-input NAND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G10 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AXP1G10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G10
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 20 October 2015
2 of 16
Nexperia
74AXP1G10
Low-power 3-input NAND gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AXP1G10GM
40 C to +85 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AXP1G10GN
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AXP1G10GS
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74AXP1G10GM
RM
74AXP1G10GN
RM
74AXP1G10GS
RM
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com