Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP1G10 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G10
Description  Low-power 3-input NAND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G10 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1G10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AXP1G10 is a single 3-input NAND gate.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.5 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G10
Low-power 3-input NAND gate
Rev. 1 — 20 October 2015
Product data sheet


Similar Part No. - 74AXP1G10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G11 NEXPERIA-74AXP1G11 Datasheet
809Kb / 16P
Low-power 3-input AND gate
74AXP1G11GM NEXPERIA-74AXP1G11GM Datasheet
809Kb / 16P
Low-power 3-input AND gate
74AXP1G11GN NEXPERIA-74AXP1G11GN Datasheet
809Kb / 16P
Low-power 3-input AND gate
74AXP1G11GS NEXPERIA-74AXP1G11GS Datasheet
809Kb / 16P
Low-power 3-input AND gate
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
Low-power buffer/line driver 3-state
More results

Similar Description - 74AXP1G10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
Triple 3-input NAND gate
January 1995
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74AUP1G00 PHILIPS-74AUP1G00 Datasheet
83Kb / 16P
Low-power 2-input NAND gate
Rev. 02-29 June 2006
logo
ON Semiconductor
NLX1G10 ONSEMI-NLX1G10 Datasheet
140Kb / 8P
3-Input NAND Gate
March, 2010 ??Rev. 1
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com