Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74AXP2T08 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions, unless otherwise specified; voltages are referenced to GND (ground = 0 V).
Tamb = 25 °C
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Unit
VCCI = 0.75 V to 0.85 V
0.75VCCI
-
-
0.75VCCI
-
V
VCCI = 1.1 V to 1.95 V
0.65VCCI
-
-
0.65VCCI
-
V
VIH
HIGH-level
input voltage
VCCI = 2.3 V to 2.7 V
1.6
-
-
1.6
-
V
VCCI = 0.75 V to 0.85 V
-
-
0.25VCCI
-
0.25VCCI V
VCCI = 1.1 V to 1.95 V
-
-
0.35VCCI
-
0.35VCCI V
VIL
LOW-level
input voltage
VCCI = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
IO = -2 mA; VCCO = 1.2 V
[1]
-
1.05
-
-
-
V
IO = -3 mA; VCCO = 1.4 V
1.05
-
-
1.05
-
V
IO = -4.5 mA; VCCO = 1.65 V
1.2
-
-
1.2
-
V
IO = -8 mA; VCCO = 2.3 V
1.7
-
-
1.7
-
V
IO = -10 mA; VCCO = 3.0 V
2.2
-
-
2.2
-
V
VOH
HIGH-level
output voltage
IO = -12 mA; VCCO = 4.5 V
3.7
-
-
3.7
-
V
IO = 2 mA; VCCO = 1.2 V
[1]
-
0.18
-
-
-
V
IO = 3 mA; VCCO = 1.4 V
-
-
0.35
-
0.35
V
IO = 4.5 mA; VCCO = 1.65 V
-
-
0.45
-
0.45
V
IO = 8 mA; VCCO = 2.3 V
-
-
0.7
-
0.7
V
IO = 10 mA; VCCO = 3.0 V
-
-
0.8
-
0.8
V
VOL
LOW-level
output voltage
IO = 12 mA; VCCO = 4.5 V
-
-
0.8
-
0.8
V
II
input leakage
current
VI = 0 V to 2.75 V;
VCCI = 0 V to 2.75 V
[1]
-
±0.001
±0.1
-
±0.5
μA
IOZ
OFF-state
output current
VO = 0 V to 5.5 V;
VCCO = 1.2 V to 5.5 V
-
±0.001
±0.1
-
±0.5
μA
input;
VI = 0 V to 2.75 V; VCCI = 0 V;
VCCO = 0 V to 5.5 V
[1]
-
±0.01
±0.1
-
±0.5
μA
IOFF
power-off
leakage
current
output;
VO = 0 V to 5.5 V; VCCO = 0 V;
VCCI = 0 V to 2.75 V;
VI = 0 V to 2.75 V
[1]
-
±0.01
±0.1
-
±0.5
μA
input;
VI = 0 V or 2.75 V;
VCCI = 0 V to 0.1 V;
VCCO = 0 V to 5.5 V
[1]
-
±0.02
±0.1
-
±0.5
μA
ΔIOFF
additional
power-off
leakage
current
output;
VO = 0 V or 5.5 V;
VCCO = 0 V to 0.1 V;
VCCI = 0 V to 2.75 V;
VI = 0 V or 2.75 V
[1]
-
±0.02
±0.1
-
±0.5
μA
[1] Typical values are measured at VCCI = VCCO = 1.2 V unless otherwise specified.
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com