Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
12. Waveforms, graphs and test circuit
aaa-018938
tTLH
tTHL
tPLH
tPHL
VM
VM
VM
VI
VOH
VOL
nY output
nA, nB input
0 V
VM
10 %
10 %
90 %
90 %
Measurement points are given in Table 12.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. Input nA, nB to output nY propagation delay times and output transition times
Table 12. Measurement points
Supply voltage
Output
Input
VCCI
VCCO
VM
VM
VI
0.75 V to 2.7 V
1.2 V to 5.5 V
0.5VCCO
0.5VCCI
VCCI
CL (pF)
0
120
90
30
60
aaa-018538
2
4
6
tpd
(ns)
0
(1)
(2)
(3)
Tamb = -40 °C to +85 °C unless otherwise specified.
(1) Minimum: VCCO = 5.5 V
(2) Typical: Tamb = 25 °C; VCCO = 5 V
(3) Maximum: VCCO = 4.5 V
Fig. 6. Additional propagation delay versus load
capacitance
CL (pF)
0
120
90
30
60
aaa-018539
2
4
6
tpd
(ns)
0
(2)
(3)
(1)
Tamb = -40 °C to +85 °C unless otherwise specified.
(1) Minimum: VCCO = 3.6 V
(2) Typical: Tamb = 25 °C; VCCO = 3.3 V
(3) Maximum: VCCO = 3 V
Fig. 7. Additional propagation delay versus load
capacitance
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
9 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com