Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08GF Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08GF
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08GF Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP2T08GF Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
6. Pinning information
6.1. Pinning
74AXP2T08
VCCI
VCCO
1A
1Y
1B
2Y
2A
2B
GND
GND
aaa-018935
1
2
3
4
5
6
8
7
10
9
Fig. 3. Pin configuration SOT552-1 (TSSOP10)
74AXP2T08
aaa-018936
Transparent top view
VCCO
10
1Y
9
2Y
8
2B
7
GND
6
VCCI 1
1A
2
1B
3
2A
4
GND
5
Fig. 4. Pin configuration SOT1081-2 (XSON10)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
VCCI
1
input supply voltage
1A, 2A
2, 4
data input
1B, 2B
3, 7
data input
GND[1]
5, 6
ground (0 V)
1Y, 2Y
9, 8
data output
VCCO
10
output supply voltage
[1] All GND pins must be connected to ground (0 V).
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Supply voltage
Input
Output
VCCI
VCCO
nA
nB
nY
0.7 V to 2.75 V
1.2 V to 5.5 V
L
X
L
0.7 V to 2.75 V
1.2 V to 5.5 V
X
L
L
0.7 V to 2.75 V
1.2 V to 5.5 V
H
H
H
GND
1.2 V to 5.5 V
X
X
Z
0.7 V to 2.75 V
GND
X
X
Z
GND
GND
X
X
Z
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
3 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com