Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08GF Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08GF
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08GF Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T08GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T08GF Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
Table 11. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Fig. 12; for waveform, see Fig. 5.
VCCO [1]
1.2 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter
Conditions
Typ Min Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max
Unit
Tamb = 25 °C
nA, nB to nY
[2]
VCCI = 0.75 V to 0.85 V
23
3
18
73
3
16
69
2
14
69
2
14
77
2
15
89 ns
VCCI = 1.1 V to 1.3 V
16.9
3.1 10.8 19.9 2.8 8.7 15.9 2.4 6.9 10.9 2.2 6.3 9.6 2.1 6.0 9.1 ns
VCCI = 1.4 V to 1.6 V
16.0
2.8 9.9 18.2 2.5 7.8 13.2 2.1 6.0 9.1 2.0 5.4 8.2 1.9 5.0 7.7 ns
VCCI = 1.65 V to 1.95 V
15.6
2.7 9.5 17.3 2.4 7.3 11.8 2.0 5.6 8.6 1.8 4.9 7.6 1.8 4.6 7.2 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
15.2
2.5 9.0 16.8 2.2 6.9 11.0 1.9 5.1 8.0 1.7 4.5 7.0 1.6 4.1 6.5 ns
Tamb = -40 °C to +85 °C
nA, nB to nY
[2]
VCCI = 0.75 V to 0.85 V
23
3
18 148
3
16 145
2
14 164
2
14 191
2
15 222 ns
VCCI = 1.1 V to 1.3 V
16.9
3.1 10.8 19.9 2.8 8.7 15.9 2.4 6.9 10.9 2.2 6.3 9.6 2.1 6.0 9.1 ns
VCCI = 1.4 V to 1.6 V
16.0
2.8 9.9 18.2 2.5 7.8 13.2 2.1 6.0 9.1 2.0 5.4 8.2 1.9 5.0 7.7 ns
VCCI = 1.65 V to 1.95 V
15.6
2.7 9.5 17.3 2.4 7.3 11.8 2.0 5.6 8.6 1.8 4.9 7.6 1.8 4.6 7.2 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
15.2
2.5 9.0 16.8 2.2 6.9 11.0 1.9 5.1 8.0 1.7 4.5 7.0 1.6 4.1 6.5 ns
tt
transition time VCCI = 0.75 V to 2.7 V
[2]
-
1.0
-
-
1.0
-
-
1.0
-
-
1.0
-
-
1.0
-
-
ns
[1] Typical values are measured at nominal supply voltages and Tamb = +25 °C.
[2] tpd is the same as tPLH and tPHL; tt is the same as tTHL and tTLH.
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com