Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCR401T Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NCR401T
Description  10 mA LED driver in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR401T Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NCR401T Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
NCR401T
10 mA LED driver in SOT23
NCR401T
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 October 2015
4 / 12
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
465
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
-
312
K/W
[1] Device mounted on an FR4 PCB; single-sided copper; tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB; single-sided copper; tin-plated and mounting pad for collector 1 cm2.
mle127
103
102
10
1
10- 5
10- 4
10- 3
10- 2
10- 1
1
Zth
(K/W)
tp (s)
10
102
103
δ = 1
0.75
0.33
0.05
0.02
0.01
0
0.5
0.2
0.1
FR4 PCB, single sided copper, standard footprint
Fig. 2. Transient thermal impedance as a function of pulse time; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com