Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCR401T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # NCR401T
Description  10 mA LED driver in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR401T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  NCR401T Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
NCR401T
10 mA LED driver in SOT23
NCR401T
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 October 2015
2 / 12
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
GND
ground
2
VSUP
supply voltage
3
IO/VO
output current/output voltage
1
2
3
TO-236AB (SOT23)
aaa-019596
VSUP
IO/VO
IO
LED
GND
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
NCR401T
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
7. Marking
Table 4.
Marking codes
Type number
Marking code
NCR401T
BE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com