Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF3DFN1 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PCMF3DFN1
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF3DFN1 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PCMF3DFN1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PCMF2DFN1_PCMF3DFN1
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2014
6 of 14
NXP Semiconductors
PCMF2DFN1; PCMF3DFN1
Common-mode EMI filter for differential channels with ESD protection
6.2 Frequency characteristics
[1]
Measured with 4-port network analyzer; Rgen = 50 ; RL = 50 .
[2]
Normalized to attenuation at 1 MHz.
Table 7.
Frequency characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Common mode: S21cc
il
insertion loss
[1]
f = 400 MHz
-
15
-
dB
f = 800 MHz
-
30
-
dB
f= 5GHz
-
21
-
dB
Differential mode: S21dd
il
insertion loss
f = 1MHz
[1] -0.6
-dB
f3dB
cut-off frequency
[1][2] -2.2
-GHz
Fig 5.
Common-mode insertion loss; typical values
Fig 6.
Differential-mode insertion loss; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com