Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF3DFN1 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PCMF3DFN1
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF3DFN1 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PCMF3DFN1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF3DFN1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.
Product profile
1.1 General description
The devices are common-mode ElectroMagnetic Interference (EMI) filters with integrated
ElectroStatic Discharge (ESD) protection for two and three differential channels. The
devices are designed to provide low insertion loss for differential high-speed signals on
each channel while unwanted common-mode signals are attenuated.
Each differential channel incorporates two signal lines that are coupled by integrated coils.
Diodes provide protection to downstream components from ESD voltages up to
15 kV on
each signal line.
1.2 Features and benefits
1.3 Applications
PCMF2DFN1; PCMF3DFN1
Common-mode EMI filter for differential channels with
integrated ESD protection
Rev. 2 — 28 April 2014
Product data sheet
Table 1.
Product overview
Type number
Number of
channels
Package
Name
Version
PCMF2DFN1
2
DFN2520-9
SOT1333-1
XSON9
PCMF3DFN1
3
DFN4020-14
SOT1334-1
XSON14
Two and three differential channels
common-mode EMI filter with integrated
ESD protection
ESD protection up to
15 kV contact
discharge according to IEC 61000-4-2
Superior common-mode suppression
over a wide frequency range
Maximum package height: 0.5 mm
Smartphone, cellular and cordless
phone
Tablet PC and Mobile Internet
Device (MID)
MIPI D-PHY as used in Camera Serial
Interface (CSI) and Display Serial
Interface (DSI)
High-Definition Multimedia Interface
(HDMI)
General-purpose EMI and
Radio-Frequency Interference (RFI)
filter and downstream ESD protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com