Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720-EVAL Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR720-EVAL
Description  Evaluation Board for STR72xF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720-EVAL Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR720-EVAL Datasheet HTML 11Page - STMicroelectronics STR720-EVAL Datasheet HTML 12Page - STMicroelectronics STR720-EVAL Datasheet HTML 13Page - STMicroelectronics STR720-EVAL Datasheet HTML 14Page - STMicroelectronics STR720-EVAL Datasheet HTML 15Page - STMicroelectronics STR720-EVAL Datasheet HTML 16Page - STMicroelectronics STR720-EVAL Datasheet HTML 17Page - STMicroelectronics STR720-EVAL Datasheet HTML 18Page - STMicroelectronics STR720-EVAL Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
STR720-EVAL
3 Connectors
14/31
3
Connectors
3.1
USB
3.2
CAN bus connector
Figure 9.
USB-B connector: CN3
Table 8.
USB-B connector pinout: CN3
Pin
Description
1
VBUS
2DM
3DP
4GND
Figure 10. CAN connector 9 pin male D-type: CN4
Table 9.
CAN connector pinout: CN4
Pin
Description
Pin
Description
Pin
Description
1
Not connected
4
Not connected
7
CAN H, high side bus output
2
CAN L, low side bus output 5
Not connected
8
Pull down to GROUND
3
Ground
6
GROUND
9
Pull up to +3V3
USB-B
5
4
3
2
1
9
8
7
6
CAN - data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com