Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720-EVAL Datasheet(PDF) 31 Page - STMicroelectronics

Part # STR720-EVAL
Description  Evaluation Board for STR72xF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720-EVAL Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STR720-EVAL Datasheet HTML 24Page - STMicroelectronics STR720-EVAL Datasheet HTML 25Page - STMicroelectronics STR720-EVAL Datasheet HTML 26Page - STMicroelectronics STR720-EVAL Datasheet HTML 27Page - STMicroelectronics STR720-EVAL Datasheet HTML 28Page - STMicroelectronics STR720-EVAL Datasheet HTML 29Page - STMicroelectronics STR720-EVAL Datasheet HTML 30Page - STMicroelectronics STR720-EVAL Datasheet HTML 31Page - STMicroelectronics STR720-EVAL Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
STR720-EVAL
5 Revision history
30/31
5
Revision history
Date
Revision
Changes
26-September-2005
1
Initial external release.
4-October-2005
2
Page 1 - Updated image.
Figure 2: STR720-EVAL board system block diagram on page 6 -
correction.
Section 2.3: Debug on page 7 - correction.
Section 2.8: USB full speed interface on page 8 - correction to
SDRAM and LCD.
Section 2.8: USB full speed interface on page 8 - rephrased.
Section 2.9: CAN interface on page 8 - expanded and added
caution.
Section 2.15: Option switch settings on page 12 - correction to SW2.
Section 3.4: Debug on page 15 - clarification for even pins.
Chapter 4: Schematics updated revision and Section 4.9: STR720-
Eval board - USB interface on page 26 and Section 4.10: STR720-
Eval board - CAN interface on page 27 detail design changes.
Section 4.1: STR720-EVAL board top sheet 1 of 2 on page 18 is
updated with ClkVref pin19 connected to +1.8 V including
decoupling cap.
Removed list of third party vendors from the description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com