Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7014-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC7014-Q100
Description  Hex non-inverting precision Schmitt-trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC7014-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC7014-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC7014_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 26 May 2014
7 of 12
Nexperia
74HC7014-Q100
Hex non-inverting precision Schmitt-trigger
13. Transfer characteristics
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 7 and Figure 8.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
positive-going
threshold voltage
VCC = 3.00 V
-
1.86
1.95
-
1.95
-
1.95
V
VCC = 4.75 V
-
2.94
3.08
-
3.08
-
3.08
V
VCC = 5.00 V
-
3.10
3.25
-
3.25
-
3.25
V
VCC = 5.25 V
-
3.25
3.41
-
3.41
-
3.41
V
VCC = 6.00 V
-
3.72
3.90
-
3.90
-
3.90
V
VT
negative-going
threshold voltage
VCC = 3.00 V
1.65
1.74
-
1.65
-
1.65
-
V
VCC = 4.75 V
2.62
2.76
-
2.62
-
2.62
-
V
VCC = 5.00 V
2.75
2.90
-
2.75
-
2.75
-
V
VCC = 5.25 V
2.89
3.05
-
2.89
-
2.89
-
V
VCC = 6.00 V
3.30
3.48
-
3.30
-
3.30
-
V
VH
hysteresis
voltage
VCC = 3.00 V
50
120
-
50
-
50
-
V
VCC = 4.75 V
100
180
-
100
-
100
-
V
VCC = 5.00 V
120
200
-
120
-
120
-
V
VCC = 5.25 V
130
210
-
130
-
130
-
V
VCC = 6.00 V
160
240
-
160
-
160
-
V
VT+ and VT limits at 70 % and 20 %.
Fig 7.
Transfer characteristic
Fig 8.
Definition of VT+, VT and VH
mnb154
VO
VH
VI
VT+
VT−
mnb155
VO
VI
VH
VT+
VT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com