Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7014-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC7014-Q100
Description  Hex non-inverting precision Schmitt-trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC7014-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC7014-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC7014-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC7014_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 26 May 2014
2 of 12
Nexperia
74HC7014-Q100
Hex non-inverting precision Schmitt-trigger
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
aaa-012607
1A
1Y
2
1
2A
2Y
4
3
3A
3Y
6
5
4A
4Y
8
9
5A
5Y
10
11
6A
6Y
12
13
aaa-012609
12
34
56
98
11
10
13
12
aaa-012611
AY
Fig 4.
Pin configuration
Table 2.
Pin description
Symbol
Pin
Description
1A to 6A
1, 3, 5, 9, 11, 13
data input
1Y to 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com