Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOS Datasheet(PDF) 2 Page - AVX Corporation

Part # NOS
Description  Niobium Oxide Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOS Datasheet(HTML) 2 Page - AVX Corporation

  NOS Datasheet HTML 1Page - AVX Corporation NOS Datasheet HTML 2Page - AVX Corporation NOS Datasheet HTML 3Page - AVX Corporation NOS Datasheet HTML 4Page - AVX Corporation NOS Datasheet HTML 5Page - AVX Corporation NOS Datasheet HTML 6Page - AVX Corporation NOS Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
071119
189
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.3V (J)
8V (P)
10
106
A(800,1000,
A(2200)
2000,2200)
B(1000)
15
156
A(1500,2000)
B(600,2000)
B(1000)
22
226
A(900,1900)
B(600,1900)
B(600,1900)
B(700,1800)
C(500)
B(600,1700)
33
336
B(1700)
B(600,1700)
C(500)
C(500)
W(250,500)
B(500,1600)
B(500,800)
47
476
B(500,1600)
C(300,500)
C(300,500)
C(400)
W(150,500)
C(200,500)
C(75,200,500)
68
686
W(150,400)
C(200,500)
X(100,500)
C(500)
Y(100,500)
B(350,1400)
C(70,150,400)
C(150,400)
100
107
W(150,400)
C(150,400)
X(100,400)
D(80,100,400)
D(400)
Y(100,400)
150
157
C(400)
C(65,150,400)
C(90,150,400)
D(50,70,100,400)
X(100,400)
Y(100,400)
Y(100,400)
220
227
C(125,400)
C(80,125,400)
D(40,60,100,400) D(45,60,100,400)
X(100,400)
Y(100,400)
Y(100,400)
E(80,100,400)
D(35,50,100,300)
D(35,55,100,300)
330
337
Y(100,300)
Y(100,300)
E(100)
E(80,100,300)
Y(150,300)
470
477
Y(100,300)
D(35,55,100,300)
D(100,300)
V(75,300)
E(100,300)
E(75,100,300)
680
687
E(60,300)
V(75,300)
1000
108
V(50,300)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released ratings (ESR ratings in mOhms in parentheses)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher voltage ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com