Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOS Datasheet(PDF) 5 Page - AVX Corporation

Part # NOS
Description  Niobium Oxide Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOS Datasheet(HTML) 5 Page - AVX Corporation

  NOS Datasheet HTML 1Page - AVX Corporation NOS Datasheet HTML 2Page - AVX Corporation NOS Datasheet HTML 3Page - AVX Corporation NOS Datasheet HTML 4Page - AVX Corporation NOS Datasheet HTML 5Page - AVX Corporation NOS Datasheet HTML 6Page - AVX Corporation NOS Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
192
071119
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part in the same case size, to the same reliability standards.
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
NOSE337M006#0080
E
330
6.3
85
3
125
39.6
12
80
1.573
1.416
0.629
3
NOSE337M006#0100
E
330
6.3
85
3
125
39.6
12
100
1.407
1.266
0.563
3
NOSE337M006#0300
E
330
6.3
85
3
125
39.6
12
300
0.812
0.731
0.325
3
NOSV477M006#0075
V
470
6.3
85
3
125
56.4
14
75
2.000
1.800
0.800
3
NOSV477M006#0300
V
470
6.3
85
3
125
56.4
14
300
1.000
0.900
0.400
3
8 Volt @ 85°C
NOSA106M008#2200
A
10
8
85
4
125
1.6
10
2200
0.202
0.182
0.081
1
NOSB106M008#1000
B
10
8
85
4
125
1.6
10
1000
0.319
0.287
0.128
1
NOSB156M008#1000
B
15
8
85
4
125
2.4
10
1000
0.319
0.287
0.128
1
NOSB226M008#0700
B
22
8
85
4
125
3.5
10
700
0.382
0.344
0.153
1
NOSB226M008#1800
B
22
8
85
4
125
3.5
10
1800
0.238
0.214
0.095
1
NOSC226M008#0500
C
22
8
85
4
125
3.5
10
500
0.514
0.462
0.206
1
NOSC336M008#0500
C
33
8
85
4
125
5.3
10
500
0.514
0.462
0.206
1
NOSC476M008#0400
C
47
8
85
4
125
7.5
10
400
0.574
0.517
0.230
1
NOSC686M008#0500
C
68
8
85
4
125
11.0
16
500
0.514
0.462
0.206
1
NOSD107M008#0400
D
100
8
85
4
125
16.0
16
400
0.671
0.604
0.268
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com