Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB2X4D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PUSB2X4D
Description  ESD protection for high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB2X4D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PUSB2X4D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB2X4D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PUSB2X4D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 5 November 2013
2 of 11
NXP Semiconductors
PUSB2X4D
ESD protection for high-speed interfaces
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
ESD protection for I/O signals
2
ground
3
ESD protection for I/O signals
4
ESD protection for I/O signals
5n.c.
6
ESD protection for I/O signals
13
2
4
5
6
34
2
1
6
018aaa176
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PUSB2X4D
SC-74
plastic surface-mounted package; 6 leads
SOT457
Table 3.
Marking codes
Type number
Marking code
PUSB2X4D
DE
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+5.5
V
VESD
electrostatic discharge
voltage
pins 1, 3, 4 and 6 to ground;
IEC 61000-4-2, level 4
contact discharge
12
+12
kV
air discharge
15
+15
kV
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
55
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com